PART |
Description |
Maker |
X9271TV14-2.7T1 |
Single Digitally-Controlled (XDCP™) Potentiometer; Temperature Range: 0°C to 70°C; Package: 14-TSSOP T&R 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO14
|
Intersil, Corp.
|
HA9P5020-5X96 |
100MHz Current Feedback Video Amplifier With Disable; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R
|
INTERSIL CORP
|
CS82C55A-596 |
CMOS Programmable Peripheral Interface; Temperature Range: 0°C to 70°C; Package: 44-PLCC T&R 24 I/O, PIA-GENERAL PURPOSE, PQCC44
|
Intersil, Corp.
|
ISL6312CRZ-TK |
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications; Temperature Range: 0°C to 70°C; Package: 48-QFN T&R
|
INTERSIL CORP
|
EL5251IYZ-T7 |
200MHz Amplifiers; Temperature Range: -40°C to 85°C; Package: 8-MSOP T&R 1 CHANNEL, VIDEO AMPLIFIER, PDSO8
|
Intersil, Corp.
|
MC74LCX16244DTR2 MC74LCX16244DTG |
Low−Voltage CMOS 16−Bit Buffer With 5 V−Tolerant Inputs and Outputs (3−State, Non−Inverting) LVC/LCX/Z SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48
|
ON Semiconductor
|
DG403DY-T |
Monolithic CMOS Analog Switches; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R DUAL 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO16
|
Intersil, Corp.
|
ISL1209IU10-ZTK |
Low Power RTC with Battery Backed SRAM and Event Detection; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R REAL TIME CLOCK, PDSO8
|
Intersil, Corp.
|
EDI7F2331MV100BNC EDI7F2331MV150BNC |
Dual 3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output; Temperature Range: -55°C to 125°C; Package: 8-SOIC T&R EEPROM
|
Bourns, Inc.
|
ISL6294IBZ ISL6294IBZ-T ISL6294 ISL629407 |
High Input Voltage Charger; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R
|
Intersil Corporation
|
EDI8G321024V15MNC EDI8G321024V17MNC |
3-Channel DC/DC Converter; Temperature Range: -40°C to 85°C; Package: 20-HTSSOP T&R X32号的SRAM模块
|
Bourns, Inc.
|